Part Number Hot Search : 
SMBJ110 MC6833 R8051XC CD201 HN2063CG 1N5224 1645P ST72A
Product Description
Full Text Search
 

To Download 2N5239 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2N5239 description ? with to-3 package ? high breakdown voltage ? high power dissipation applications ? switching regulator ? inverters ? power amplifiers ? deflection circuits ? high-voltage bridge amplifiers pinning (see fig.2) pin description 1 base 2 emitter 3 collector maximun ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 300 v v ceo collector-emitter voltage open base 225 v v ebo emitter-base voltage open collector 6 v i c collector current 5 a i b base current 2 a p t total power dissipation t c =25 ?? 100 w t j junction temperature 200 ?? t stg storage temperature -65~200 ?? thermal characteristics symbol parameter max unit r th j-c thermal resistance from junction to case 1.75 ??/w fig.1 simplified outline (to-3) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2N5239 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.2a ; i b =0 225 v v (br)ebo emitter-base breakdown voltage i e =20ma ; i c =0 6 v v cesat-1 collector-emitter saturation voltage i c =2a; i b =0.25a 2.5 v v cesat-2 collector-emitter saturation voltage i c =4.5a; i b =1.125a 5.0 v v be base-emitter on voltage i c =2a ; v ce =10v 3.0 v i cev collector cut-off current v ce =300v; v be =-1.5v t c =150 ?? 4.0 5.0 ma i ceo collector cut-off current v ce =200v; i b =0 5.0 ma i ebo emitter cut-off current v eb =5v; i c =0 5.0 ma h fe-1 dc current gain i c =0.4a ; v ce =10v h fe -2 dc current gain i c =2a ; v ce =10v 20 80 h fe-3 dc current gain i c =4.5a ; v ce =10v 5 c ob output capacitance i e =0 ; v cb =10v;f=1mhz 250 pf f t transition frequency i c =0.2a ; v ce =10v 2 mhz
inchange semiconductor product specification 3 silicon npn power transistors 2N5239 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2N5239

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X